Part Number Hot Search : 
100CT 4ACT0 1A28A TSOP185 25ETT 86CUB EP15E7 BOLS002G
Product Description
Full Text Search
 

To Download DN12SD6IA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  capacitor/resistor networks 7267 coldwater canyon, north hollywood. california 91605 ?phone (818) 765-8300 ?toll free (800) 827-7422 ?fax (818) 765-2387 e7 circuit construction a b c d e f n special requirements are available when placing your order, please specify the following items according to your application needs. for details, please refer to the r espective specifications. 1. series - part height and pin pitch. 2. circuit 3. number of pins 4. tc, tol. capacitance for capacitor 5. resistance, wattage, tol. for resistor dimension: mm mw/package mw/package 5 500 6 625 7 750 8 875 9 1000 10 1050 11 1150 12 1250 no. of pins no. of pins max. operating voltage range t .c.r t olerance operating temp. range storage temp. range resistor 22 w , 1m w ?100ppm/?. ?200ppm/?. ?1% (f). ?5% (j) capacitor 10pf-0.1? npo, x7r, z5u ?5%, 10%, ?20%, + 80%-20% ?2% (g) 50v - 25? - + 85? - 55? - + 125? pin one indicated 3.5max 0.25?.1
capacitor/resistor networks 7267 coldwater canyon, north hollywood. california 91605 ?phone (818) 765-8300 ?toll free (800) 827-7422 ?fax (818) 765-2387 e8 electrical specifications - capacitors electrical specifications - resistors characteristics item capacitance capacitance tolerance dissipation factor t emp. coefficient operation temp. dielectric test rated voltage resistance range resistance tolerance t emperature coefficient tcr tracking operating voltage operating temperatur e power rating 10 w - 1 meg w ?2%, ?% (?.5% is available upon request) ?100ppm/? ?50ppm/? 50v max. -55?
circuit style ia cc ca ic pin number 5 = 5 pin 6 = 6 pin 7 = 7 pin 8 = 8 pin 9 = 9 pin 10 = 10 pin 11 = 11 pin 12 = 12 pin switching diodes number of diodes 4 = 4 diodes 5 = 5 diodes 6 = 6 diodes 7 = 7 diodes 8 = 8 diodes 9 = 9 diodes 10 = 10 diodes 11 = 11 diodes cc 9 sd 8 t ype


▲Up To Search▲   

 
Price & Availability of DN12SD6IA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X